|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC TM Micro Commercial Components omponents 20736 Marilla Street Chatsworth !"# $ % !"# MBR1620FCT THRU MBR16100FCT 16 Amp Schottky Rectifier 20-100 Volts ITO-220AB * * * * * Features High Surge Capability Low Forward Voltage Drop Marking : type number Low Power Loss, High Efficiency Case Material: Molded Plastic. Classification Rating 94V-0 UL Flammability Maximum Ratings * * * Operating Temperature: -50 to +125 Storage Temperature: -50 to +125 Maximum Thermal Resistance: RJC = 2.0/W MCC Part Number Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 50V 60V 80V 100V Maximum RMS Voltage 14V 21V 28V 35V 42V 56V 70V Maximum DC Blocking Voltage C K B L M D A MBR1620FCT MBR1630FCT MBR1640FCT MBR1650FCT MBR1660FCT MBR1680FCT MBR16100FCT 20V 30V 40V 50V 60V 80V 100V PIN 1 2 3 E F O I J N G Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR1620FCT-1640FCT MBR1650FCT-1660FCT MBR1680FCT16100FCT Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 16 A 150A TC = 90 8.3ms, half sine HH PIN 1 PIN 3 PIN 2 VF .55V .75V .85V 0.5mA 100mA IFM = 8.0A per leg A B C D E F G H I J K L M N O MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80 IR TC = 25 TC = 100 INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055 www.mccsemi.com Revision: 2 1 of 3 2006/05/29 MBR1620FCT thru MBR16100FCT Figure 1 Typical Reverse Characteristics 10 6 4 INSTANTANEOUS FORWARD CURRENT AMPERES MCC TM Micro Commercial Components Fig. 2-TYPICAL INSTNATANEOUS FORWARD CHARACTERISTIC 40 20 20. 30. 40V 10 8 6 4 2 1.0 .8 . .6 .4 .2 .1 .4 .5 .6 .7 .8 9 1.0 1.1 50. 60V 80. 100V 2 1 .6 .4 .2 TJ=25C mAmps .1 .06 .04 .02 .01 .006 .004 4 .002 .001 0 20 40 60 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 3 Forward Derating Curve 80 120 140 T J = 25J PULSE WIDTH = 200gs INSTANTANEOUS FORWARD CHARACTERISTIC Figure 4 Peak Forward Surge Current 150 16 125 100 75 Amps 8 Amps 50 25 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 90 125 0 1 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 2 www.mccsemi.com Revision: 2 2 of 3 2006/05/29 MCC Micro Commercial Components TM ***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications. www.mccsemi.com Revision: 2 3 of 3 2006/05/29 |
Price & Availability of MBR16100FCT |